PART |
Description |
Maker |
T494A226004A T494C476004A T494A335004A T494C686004 |
Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
|
Kemet Corporation
|
594D477X0004B2T 594D477X0004B2W 594D477X0004B4T 59 |
Solid Tantalum Chip Capacitors TANTAMOUNT垄莽 Conformal Coated, Maximum CV, Low ESR Solid Tantalum Chip Capacitors TANTAMOUNT庐 Conformal Coated, Maximum CV, Low ESR Solid Tantalum Chip Capacitors TANTAMOUNT? Conformal Coated, Maximum CV, Low ESR
|
Vishay Siliconix
|
T494B476K006AT |
Tantalum, MnO2 Tantalum, T494, 47 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, Low ESR, 500 mOhms, 2.1mm
|
Kemet Corporation
|
T495B106K020ATE1K0 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495D226K025ATE200 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495D226K035ATE125 |
T495, Tantalum, MnO2 Tantalum, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
TPME226XXXXXXXXX TPME107XXXXXXXXX TPME228XXXXXXXXX |
Tantalum Ultra Low ESR Capacitor
|
AVX Corporation
|
EKT |
Chip Tantalum Capacitor Low ESR. SMD
|
Kingtronics International Company
|
T521X337M016ATE050 |
T521, Tantalum, Polymer Tantalum, 330 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 50 mOhms, Height Max = 4.3mm
|
Kemet Corporation
|
T495X475K050ATE300 |
Tantalum, MnO2 Tantalum, T495, 4.7 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 4.3mm
|
Kemet Corporation
|
|